Part Number Hot Search : 
AT28C MICA06 S3230 TK40J60T BT204 78M20A W79E803A NCP7800
Product Description
Full Text Search
 

To Download AF4835P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AF4835P
P-Channel Enhancement Mode Power MOSFET Features
- Simple Drive Requirement - Low On-resistance - Fast Switching
General Description
The advanced power MOSFET provides the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. ID (A) -8
Product Summary
BVDSS (V) -30 RDS(ON) (m) 20
Pin Assignments
S S S G
1 2 3 4 8 7 6 5
Pin Descriptions
D D D D
Pin Name S G D
Description Source Gate Drain
SOP-8
Ordering information
AX Feature F :MOSFET PN 4835P X X X Package S: SOP-8 Lead Free Blank : Normal L : Lead Free Package Packing Blank : Tube or Bulk A : Tape & Reel
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.2 Nov 19, 2004 1/6
AF4835P
P-Channel Enhancement Mode Power MOSFET Absolute Maximum Ratings
Symbol VDS VGS ID IDM PD TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (Note 1) Pulsed Drain Current (Note 2) Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range TA=25C TA=70C TA=25C Rating -30 20 -8 -6 -50 2.5 0.02 -55 to 150 -55 to 150 Units V V A A W W/C C C
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient (Note 1) Max. Maximum 50 Units C/W
Electrical Characteristics at TJ=25C unless otherwise specified
Symbol BVDSS BVDSS / TJ RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Static Drain-Source On-Resistance (Note 3) Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current (TJ=25oC) Drain-Source Leakage Current (TJ=70oC) Gate-Source Leakage Total Gate Charge (Note 3) Gate-Source Charge Gate-Drain ("Miller") Charge Turn-On Delay Time (Note 3) Rise Time Turn-Off Delay Time Fall-Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VGS=0V, ID=-250uA Reference to 25oC, ID=-1mA VGS=-10V, ID=-8A VGS=-4.5V, ID=-5A VDS=VGS, ID=-250uA VDS=-15V, ID=-8A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS=20V ID=-4.6A, VDS=-15V, VGS=-10V VDS=-15V, ID=-1A, RG=6, VGS=-10V RD=15 VGS=0V, VDS=-15V, f=1.0MHz Min. -30 -1 Typ. -0.037 20 36 5.5 3.5 12 8 75 40 1530 900 280 Max. 20 35 -3 -1 uA -25 100 nA nC Units V V/oC m V S
ns
pF
Source-Drain Diode
Symbol IS VSD Parameter Continuous Source Current (Body Diode) Forward On Voltage (Note 3)
2
Test Conditions VD=VG=0V, VS=-1.2V TJ=25 C, IS=-2.1A, VGS=0V
o
Min. -
Typ. -0.75
Max. -2.08 -1.2
Unit A V
o
Note 1: Surface mounted on 1 in copper pad of FR4 board; 125 C/W when mounted on Min. copper pad. Note 2: Pulse width limited by Max. junction temperature. Note 3: Pulse width 300us, duty cycle 2%.
Anachip Corp. www.anachip.com.tw 2/6 Rev. 1.2 Nov 19, 2004
AF4835P
P-Channel Enhancement Mode Power MOSFET Typical Performance Characteristics
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Maximum Drain Current v.s. Case Temperature
Fig 6. Typical Power Dissipation
Anachip Corp. www.anachip.com.tw 3/6
Rev. 1.2
Nov 19, 2004
AF4835P
P-Channel Enhancement Mode Power MOSFET Typical Performance Characteristics (Continued)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
Anachip Corp. www.anachip.com.tw 4/6
Rev. 1.2
Nov 19, 2004
AF4835P
P-Channel Enhancement Mode Power MOSFET Typical Performance Characteristics (Continued)
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Anachip Corp. www.anachip.com.tw 5/6
Rev. 1.2
Nov 19, 2004
AF4835P
P-Channel Enhancement Mode Power MOSFET Marking Information
SOP-8L
( Top View )
8
Logo Part Number
4835 P AA Y W X
1
Lot code: "X": Non-Lead Free; "X": Lead Free "A~Z": 01~26; "A~Z": 27~52 Week code: "A~Z": 01~26; "A~Z": 27~52 Year code: "4" =2004 Factory code ~
Package Information
Package Type: SOP-8L
E
H
L VIEW "A" D 7 (4X) A2 A 0.015x45
7 (4X)
A1
e
B y
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 3.70 5.79 0.38 0O 5.05 3.90 1.27 5.99 0.71 5.30 4.10 6.20 1.27 0.10 8O
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.146 0.228 0.015 0O 0.199 0.154 0.050 0.236 0.028 0.209 0.161 0.244 0.050 0.004 8O
Anachip Corp. www.anachip.com.tw 6/6
Rev. 1.2
Nov 19, 2004


▲Up To Search▲   

 
Price & Availability of AF4835P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X